PART |
Description |
Maker |
ABX0027T |
(ABX0027T / ABX0037T) Low Power 3 Outputs XO 10MHz to 52MHz
|
Abracon Corporation
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
MCP3221A0-I/OT MCP3221A0-E/OT MCP3221A2-I/OT MCP32 |
Low Power 12-Bit A/D Converter With I2C Interface Low Power 12-Bit A/D Converter With I2CInterface Low Power 12-Bit A/D Converter With I2C?/a> Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO5
|
Microchip Technology Inc.
|
LTC2226CUH LTC2226CUHTRPBF LTC2227CUH LTC2227CUHTR |
12-Bit, 25Msps Low Power 3V ADC 12-Bit, 40Msps Low Power 3V ADCs 12-Bit, 65Msps Low Power 3V ADCs
|
Linear Technology
|
LBN08028 |
80MHz Low-loss SAW Filter 10MHz Bandwidth
|
SIPAT Co,Ltd
|
HA-5101 |
Op Amp, 10MHz, Low Noise, Unity Gain Stable
|
Intersil
|
LT6600-10 LT6600CS8-10 LT6600IS8-10 |
Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
|
Linear Technology
|
ADS1203 |
Motor Control, Current Msrmnt, 1-Bit, 10MHz, 2nd-Order, D-S Modulator
|
ti
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|